PART |
Description |
Maker |
22-03-1032 22-03-1042 22-03-1122 22-03-1102 22-03- |
Serial RAM Chip Nonvolatile Controller Chip STIFTLEISTE 2.5毫米VIERKANTSTIFT 4POL
|
TE Connectivity, Ltd.
|
E0C624A |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit Core CPU,ROM, RAM,Dot Matrix LCD Driver,Programmable SVD Circuit,Clock Synchronous Serial Port(4位高级的、单片微计算机(含EOC6200 4位CMOS中央处理器核芯,RAM,ROM,点阵LCD驱动器,可编程SVD电路,时钟同步串口))
|
爱普生(中国)有限公
|
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
E0C6247 |
CMOS 4-Bit Single Chip Microcomputer Composed of the 4-Bit Core CPU E0C6200A, ROM, RAM,Serial Interface,Dot Matrix LCD Driver, Time Base Counter,SVD
|
爱普生(中国)有限公
|
M3H71FAD-R M3H15TDD M3H52TCD-R MH75FBD MH75FAG MH7 |
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator 16-bit, 75 MIPS, 2.5v, 2 serial ports, host port, 80 KB RAM; Package: 144 ball CSPBGA (10x10x1.4mm); No of Pins: 144; Temperature Range: Ind 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM; Package: 144 ball CSPBGA (10x10x1.4mm); No of Pins: 144; Temperature Range: Comm. 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM; Package: 144 ball CSPBGA (10x10x1.4mm); No of Pins: 144; Temperature Range: Ind 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM; Package: 144 ball CSPBGA (10x10x1.4mm); No of Pins: 144; Temperature Range: Comm. 16-Bit, 75 MIPS, 2.5V, 2 Serial Ports, Host Port, 40 KB RAM; Package: 144 ball CSPBGA (10x10x1.4mm); No of Pins: 144; Temperature Range: Comm. 500 MHz TigerSHARC Processor with 12 Mbit on-chip embedded DRAM; Package: 576 ball SBGA; No of Pins: 576; Temperature Range: Ind 300 MHz TigerSHARC Processor with 6 Mbit on-chip SRAM; Package: 625 ball BGA; No of Pins: 625; Temperature Range: Ind 500 MHz TigerSHARC Processor with 12 Mbit on-chip embedded DRAM; Package: BGA THERM ENH W/ HEATSINK; No of Pins: 576; Temperature Range: Ind 300 MHz TigerSHARC Processor with 6 Mbit on-chip SRAM; Package: 484 ball BGA; No of Pins: 484; Temperature Range: Ind 8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
|
MTRONPTI
|
LC87F72C8A |
8-BIT SINGLE CHIP MICROCONTROLLER WITH 128 KB FLASH MEMORY AND 2048-BYTE RAM ON CHIP CMOS IC
|
Sanyo Semicon Device
|
LC875132A LC875148A LC875164A |
8-Bit Single Chip Microcontroller with 64/48/32K-Byte EPROM and 1024-Byte RAM On Chip CMOS IC 8-BIT SINGLE CHIP MICROCONTROLLER WITH 64/48/32K-BYTE ROM AND 1024-BYTE RAM ON CHIP
|
SANYO[Sanyo Semicon Device]
|
E0C33A104 |
32-Bit Single Chip Microcomputer Composed of a CMOS 32-Bit RISC core, RAM, DMA Contoller,Timers,Other Circuits(32位单片微计算机(含CMOS 32位RISC核芯,RAM,DMA控制器,定时器,其他电路
|
爱普生(中国)有限公
|
LC5873 LC5876 |
4-bit Single-chip Microcontrollers with LCD driver, 12KB/8KB/6KB/4KB ROM, 1Bk RAM on chip CMOS LSI
|
Sanyo
|
S71JL064HA0 |
Stacked Multi-chip Product (MCP) Flash Memory And Psram CMOS 3.0Volt-only, Simultaneous Operation Flash Memories And Static RAM/pseudo-static RAM
|
AMD SPANSION
|
|